전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF1S 데이터시트(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

부품명 DF1S
상세설명  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DF1S 데이터시트(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DF1S Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DF1S Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev:2019A0
Page :2
Ratings And Characteristic Curves
The curve above is for reference only.
https://www.microdiode.com
Voltage Range - 50 to 1000 V olts Current - 1.0 Ampere
DF05S THRU DF10S
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140 150
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
1
10
100
REVERSE VOLTAGE.(V)
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- MAXIMUN DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
1
100
100
10
1.0
.10
.01
100
10
1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
1
0.1
0.01
FORWARD VOLTAGE,(V)
FIG. 4-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMNT
AMBIENT TEMPERATURE, C
0.6''(1.5mm)
Copper Pauls .51''x.51''
(13mmx13mm)
2
4
6
10
20
40
60
TJ=25
°C
Single sine-wave
(JEDEC Method)
FIG. 3-TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
TJ=125
°C
TJ=25
°C
TJ=25
°C
PULSE WIDTH:300*S
1% DUTY CYCLE
TJ=25
°C
f=1.0MHZ
Visg=50mV p-p



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com