전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9204 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL9204
상세설명  High Input Voltage Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9204 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL9204 Datasheet HTML 1Page - Intersil Corporation ISL9204 Datasheet HTML 2Page - Intersil Corporation ISL9204 Datasheet HTML 3Page - Intersil Corporation ISL9204 Datasheet HTML 4Page - Intersil Corporation ISL9204 Datasheet HTML 5Page - Intersil Corporation ISL9204 Datasheet HTML 6Page - Intersil Corporation ISL9204 Datasheet HTML 7Page - Intersil Corporation ISL9204 Datasheet HTML 8Page - Intersil Corporation ISL9204 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN9207.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL9204
High Input Voltage Charger
The ISL9204 is a cost-effective, fully integrated high input
voltage single-cell Li-ion battery charger. This charger
performs the CC/CV charge function required by Li-ion
batteries. The charger accepts an input voltage up to 28V
but is disabled when the input voltage exceeds the OVP
threshold, minimum 10V, to prevent excessive power
dissipation. The 28V rating eliminates the overvoltage
protection circuit required in a low input voltage charger.
The charge current and the end-of-charge (EOC) current are
programmable with external resistors. When the battery
voltage is lower than a typical value of 2.8V, the charger
preconditions the battery with typically 17% of the
programmed charge current. When the charge current
reduces to the programmable EOC current level during the
CV charge phase, an EOC indication is provided by the CHG
pin, which is an open-drain output. An internal thermal
foldback function protects the charger from any thermal
failure.
Two indication pins (PPR and CHG) allow simple interface to
a microprocessor or LEDs. When no adapter is attached or
when disabled, the charger draws less than 1
µA leakage
current from the battery.
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 1% Voltage Accuracy
• Programmable Charge Current
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback for Thermal
Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Power Presence and Charge Indications
• Less than 1
µA Leakage Current Off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to 85°C
• 2x3 DFN 8 Ld Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Mobile Phones
• Blue-Tooth Devices
•PDAs
• MP3 Players
• Stand-alone Chargers
• Other Handheld Devices
Pinout
ISL9204
(8 LD 2x3 DFN)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL9204IRZ-T
(Note)
04Z
-40 to 85
8 Ld 2x3 DFN
Tape and Reel
(Pb-free)
L8.2x3
Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
VIN
PPR
CHG
EN
BAT
IREF
IMIN
GND
2
3
4
1
7
6
5
8
Data Sheet
October 4, 2005


유사한 부품 번호 - ISL9204

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
High Input Voltage Charger
logo
Intersil Corporation
ISL9204 INTERSIL-ISL9204 Datasheet
268Kb / 10P
High Input Voltage Charger
October 4, 2005
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
High Input Voltage Charger
October 4, 2005
logo
Renesas Technology Corp
ISL9204IRZ-T RENESAS-ISL9204IRZ-T Datasheet
498Kb / 10P
High Input Voltage Charger
More results

유사한 설명 - ISL9204

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
High Input Voltage Charger
October 4, 2005
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
High Input Voltage Charger
March 10, 2008
ISL6294 INTERSIL-ISL6294_07 Datasheet
178Kb / 9P
High Input Voltage Charger
July 9, 2007
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
High Input Voltage Charger
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
High Input Voltage Charger
July 9, 2007
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
High Input Voltage Charger
October 4, 2005
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
High Input Voltage Charger
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
High Input Voltage Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com