전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS52C 데이터시트(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

부품명 SS52C
상세설명  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SS52C 데이터시트(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SS52C Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS52C Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SS52C Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev:2019A0
Page :2
Typical Characterisitics
The curve above is for reference only.
https://www.microdiode.com
SS52C THRU SS5200C
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Ampere
Fig.2 Typical Reverse Characteristics
20
40
60
80
0
TJ=25°C
TJ=100°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
101
10 2
10 3
10 4
TJ=75°C
Fig.4 Typical Junction Capacitance
Reverse Voltage (V)
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
Fig.1 Forward Current Derating Curve
1.0
2.0
3.0
4.0
5.0
6.0
0.0
25
50
75
100
125
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
50
00
0.1
0
0.5
1
10
1.0
1.5
2.0
20
SS52C/SS54C
SS56C/SS58C
SS510C/SS520
0C
10
0.1
10
100
500
20
100
1
1000
TJ=25°C
SS52C/SS54C
S
SS56C/SS5200C
125
180
Case Temperature (
°C)
150
25
75
150
100
175
SS52C~SS58C
SS510C~SS520
0C



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com