| 전자부품 데이터시트 검색엔진 |
|
ST92195C4 데이터시트(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C4 데이터시트(HTML) 48 Page - STMicroelectronics |
|
48 / 249 page ![]() 48/249 ST92195C/D - INTERRUPTS ARBITRATION MODES (Cont’d) Example 2 In the second example, (more complex, Figure 22 on page 48), each interrupt service routine sets In- terrupt Enable with the ei instruction at the begin- ning of the routine. Placed here, it minimizes re- sponse time for requests with a higher priority than the one being serviced. The level 2 interrupt routine (with the highest prior- ity) will be acknowledged first, then, when the ei instruction is executed, it will be interrupted by the level 3 interrupt routine, which itself will be inter- rupted by the level 4 interrupt routine. When the level 4 interrupt routine is completed, the level 3 in- terrupt routine resumes and finally the level 2 inter- rupt routine. This results in the three interrupt serv- ice routines being executed in the opposite order of their priority. It is therefore recommended to avoid inserting the ei instruction in the interrupt service rou- tine in Concurrent mode. Use the ei instruc- tion only in nested mode. WARNING: If, in Concurrent Mode, interrupts are nested (by executing ei in an interrupt service routine), make sure that either ENCSR is set or CSR=ISR, otherwise the iret of the innermost in- terrupt will make the CPU use CSR instead of ISR before the outermost interrupt service routine is terminated, thus making the outermost routine fail. Figure 22. Complex Example of a Sequence of Interrupt Requests with: - Concurrent mode selected - IEN set to 1 during interrupt service routine execution 6 5 4 3 2 1 0 7 MAIN INT 5 INT 2 INT 3 INT 4 INT 5 INT 4 INT 3 INT 2 CPL is set to 7 CPL = 7 CPL = 7 CPL = 7 CPL = 7 CPL = 7 ei INTERRUPT 2 HAS PRIORITY LEVEL 2 INTERRUPT 3 HAS PRIORITY LEVEL 3 INTERRUPT 4 HAS PRIORITY LEVEL 4 INTERRUPT 5 HAS PRIORITY LEVEL 5 INT 2 INT 3 CPL = 7 CPL = 7 INT 5 CPL = 7 MAIN ei ei ei Priority Level of Interrupt Request ei |