전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPT200BMB 데이터시트(PDF) 1 Page - Mechatronics, Inc.

부품명 LPT200BMB
상세설명  plastic frame and metal impeller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MECHATRONICS [Mechatronics, Inc.]
홈페이지  https://www.mechatronics.com/
Logo MECHATRONICS - Mechatronics, Inc.

LPT200BMB 데이터시트(HTML) 1 Page - Mechatronics, Inc.

  LPT200BMB Datasheet HTML 1Page - Mechatronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 90 0
800-453-4569
ww w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 5155
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Rated
Cur.
A
Speed
RPM
Air Volume
Max. Sta tic
Pressure (H20)
Sound
Noise
db
Wt .
kg
M³/Min. CFM MM
INCH
LPT200BMB
115
50/60
7
0.11
LOW
1,400
8.61
304
6.86
0.27
44
1
50/60
26
0.38
HIGH
2,200
13.7
484 12.95
0.51
55
1
230
50/60
8
0.07
LOW
1,400
8.49
300
7.11
0.28
44
1
50/60
26
0.23
HIGH
2,200
13.4
472 16.26
0.64
55
1
(250 dia. x 76 mm)
9.84 x 3 inches
Operating voltage: 115 or 230 VAC
Construction:
plastic frame and metal impeller
Bearing option:
ball bearing
Motor:
2 speed electronically com-
mutated
Air flow:
exhaust over struts
Connection:
lead wire UL AWM 2464
Protection:
thermal
2
0
4
6
8
10
12
14
16
18
300
200
100
400
500
115
HIGH
115
LOW
230
LOW
230
HIGH
FAN
Speed selection
Black
Blue
Brown
115 VAC
L or N
L1
N
Mains: 115 VAC,
50/60 Hz
ON
Low
Speed
High
Speed
OFF
76.1
30
Air In
Air In
Air Out
Air Out
Rotation
4.3
45º
8.31.18
- THIS AND BELOW -
C o o l i n g S i m p l i fi e d
LPT200BMB series


유사한 부품 번호 - LPT200BMB

제조업체부품명데이터시트상세설명
logo
Mechatronics, Inc.
LPT200BPB MECHATRONICS-LPT200BPB Datasheet
1Mb / 1P
plastic frame and plastic impeller
More results

유사한 설명 - LPT200BMB

제조업체부품명데이터시트상세설명
logo
Mechatronics, Inc.
LPH92A99 MECHATRONICS-LPH92A99 Datasheet
483Kb / 1P
plastic frame and impeller
LPH92B99 MECHATRONICS-LPH92B99 Datasheet
469Kb / 1P
plastic frame and impeller
LPT12A99 MECHATRONICS-LPT12A99 Datasheet
1Mb / 1P
plastic frame and impeller
LPT15P MECHATRONICS-LPT15P Datasheet
1Mb / 1P
metal frame and plastic impeller
LPT60B99 MECHATRONICS-LPT60B99 Datasheet
1Mb / 1P
plastic frame and metal impeller
LPT92A99 MECHATRONICS-LPT92A99 Datasheet
255Kb / 1P
plastic frame and impeller
LPT200BPB MECHATRONICS-LPT200BPB Datasheet
1Mb / 1P
plastic frame and plastic impeller
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
UL94V-0 plastic impeller and frame
MR6025 MECHATRONICS-MR6025 Datasheet
70Kb / 1P
UL94V-0 plastic impeller and frame
MR8025 MECHATRONICS-MR8025 Datasheet
475Kb / 1P
UL94V-0 plastic impeller and frame
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com