| 전자부품 데이터시트 검색엔진 |
|
MPC7447A 데이터시트(PDF) 1 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7447A 데이터시트(HTML) 1 Page - Freescale Semiconductor, Inc |
|
1 / 8 page ![]() PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE This document describes part-number-specific changes to recommended operating conditions and revised electrical specifications, as applicable, from those described in the general MPC7447A RISC Microprocessor Hardware Specifications. The MPC7447A is a PowerPC™ microprocessor. Specifications provided in this document supersede those in the MPC7447A RISC Microprocessor Hardware Specifications, Rev. 0 or later, for the part numbers listed in Table A only. Specifications not addressed herein are unchanged. Note that headings and table numbers in this document are not consecutively numbered. They are intended to correspond to the heading or table affected in the general hardware specification. Part numbers addressed in this document are listed in Table A. Table A. Part Numbers Addressed by this Data Sheet Motorola Part Number Operating Conditions Significant Differences from Hardware Specification CPU Frequency (MHz) VDD Tj (°C) PPC7447AHX1000NB 1000 1.1 V ± 50 mV 0 to 105 Modified core frequency and voltage to reduce power consumption, modified processor bus clock frequency and AC timing. PPC7447AHX1167NB 1167 Note: The P prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by Motorola SOP 3-13. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes may still occur while shipping pilot production prototypes. Advance Information MPC7447ANXPNS Rev. 0, 2/2004 MPC7447A Part Number Specification for the MC7447AnnnnNx Series Motorola Part Numbers Affected: MC7447AHX1000NB MC7447AHX1167NB Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MPC7447A |
|
유사한 설명 - MPC7447A |