전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KUSBVX-SMT3-CSB30TRC 데이터시트(PDF) 1 Page - Kycon, Inc.

부품명 KUSBVX-SMT3-CSB30TRC
상세설명  USB Type C Socket, Vertical Mount, SMT Contacts, Long Shield Pins
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KYCON [Kycon, Inc.]
홈페이지  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

KUSBVX-SMT3-CSB30TRC 데이터시트(HTML) 1 Page - Kycon, Inc.

  KUSBVX-SMT3-CSB30TRC Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KUSBVX-SMT3
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 1118
UNIVERSAL SERIAL BUS: KUSBVX-SMT3 Series
USB Type C Socket, Vertical Mount, SMT Contacts,
Long Shield Pins
Product Features
USB Version 3.1
Gen 2 ( 10Gbps)
Vertical Mount
SMT Contact
Long Shield Pins
Performance Specifications
Materials and Finish
Housing
High Temperature Thermoplastic, UL94V-0 Rated
Shell
Stainless Steel, Nickel Plated
Contact Material
Copper Alloy
Contact plating
30µ" Gold Plated on Contact Area.
Matte Tin Plated on Solder Tails,
All over Nickel Underplate
Electrical Characteristics
Rated Current:
5.0 A
Rated Voltage: 30V
Insulation Resistance:
100 Megohms Min. at 250V DC
Contact Resistance:
40 milliohms Max.
Dielectric Withstanding Voltage
100V AC RMS For 1 Minute
Mechanical Characteristics
Insertion Force: 0.5 - 2.0Kgf
Withdrawal
Force: 0.6-2.0Kgf
Durability: 10000 Mating Cycles Min.
Operating Temperature:
-55°C to +85°C
Series
KUSBVX-SMT3 - USB Type C Socket, Vertical Mount, SMT contacts
Long Shield Pins
Type
CS - C Type
Insulator Color Option
B - Black
Plating Option
30 - 30
µ" Gold Plating
Packaging
TRC - Tape and Reel with Cap
Generated Part Number
Part Number Builder
Series
Insulator
Color
Plating
Type
Contact Kycon for more options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Packaging
KUSBVX-SMT3-CSB30TRC
KUSBVX-SMT3
CS
B
30
TRC


유사한 부품 번호 - KUSBVX-SMT3-CSB30TRC

제조업체부품명데이터시트상세설명
logo
Kycon, Inc.
KUSBVX-SMT KYCON-KUSBVX-SMT Datasheet
411Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts
KUSBVX-SMT-CS-B30TRC KYCON-KUSBVX-SMT-CS-B30TRC Datasheet
411Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts
KUSBVX-SMT-CS-W30TRC KYCON-KUSBVX-SMT-CS-W30TRC Datasheet
411Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts
More results

유사한 설명 - KUSBVX-SMT3-CSB30TRC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
690-024-294-031 ETC2-690-024-294-031 Datasheet
414Kb / 2P
USB C TYPE FEMALE SMT VERTICAL CONNECTOR
logo
Kycon, Inc.
KUSBVX-SMT KYCON-KUSBVX-SMT Datasheet
411Kb / 1P
USB Type C Socket, Vertical Mount, SMT Contacts
KUSBX-MM KYCON-KUSBX-MM Datasheet
608Kb / 1P
USB C Type Mid Mount SMT Contacts
logo
VITALCONN ELECTRONICS H...
UC41D3XLB01 VITALCONN-UC41D3XLB01 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H13.0mm SMT TYPE
UC41D3XLB02 VITALCONN-UC41D3XLB02 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H13.5mm SMT TYPE
UC41D3XLB03 VITALCONN-UC41D3XLB03 Datasheet
230Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H15.0mm SMT TYPE
UC41D3XLB04 VITALCONN-UC41D3XLB04 Datasheet
228Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H12.0mm SMT TYPE
UC41D3XLB05 VITALCONN-UC41D3XLB05 Datasheet
185Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H10.4mm SMT TYPE
UC41D3XLB06 VITALCONN-UC41D3XLB06 Datasheet
185Kb / 1P
USB 3.1 TYPE C FEMALE VERTICAL H9.25mm SMT TYPE
UC41D3XLB07 VITALCONN-UC41D3XLB07 Datasheet
261Kb / 2P
USB 3.1 TYPE C FEMALE VERTICAL H10.4mm SMT TYPE
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com