전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TFP503 데이터시트(PDF) 22 Page - Texas Instruments

부품명 TFP503
상세설명  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TFP503 데이터시트(HTML) 22 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 18Page - Texas Instruments TFP503 Datasheet HTML 19Page - Texas Instruments TFP503 Datasheet HTML 20Page - Texas Instruments TFP503 Datasheet HTML 21Page - Texas Instruments TFP503 Datasheet HTML 22Page - Texas Instruments TFP503 Datasheet HTML 23Page - Texas Instruments TFP503 Datasheet HTML 24Page - Texas Instruments TFP503 Datasheet HTML 25Page - Texas Instruments TFP503 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Thermal Vias
5.8 mm SQ
Minimum
Figure 21. Recommended Thermal Land Size
More information on this package and other requirements for using thermal lands and thermal vias are detailed
in the TI application note PowerPAD Thermally Enhanced Package Application Report, TI literature number
SLMA002, available via the TI Web pages beginning at URL: http://www.ti.com
The following table outlines the thermal properties of the TI 100-terminal TQFP PowerPAD package.
Table 1. TI 100-Terminal TQFP (14
× 14 × 1 mm)/0.5-mm Lead Pitch
PARAMETER
PowerPAD
NOT CONNECTED TO
PCB THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE
(see Note 15)
RθJA
Junction-to-ambient thermal resistance (see Notes 15, 16, 17, and 18)
73.7
°C/W
22.5
°C/W
PD
Package power dissipation (see Notes 15, 16, 17, and 18)
1.08 W
3.55 W
NOTES: 15. Specified with the PowerPAD bond pad on the backside of the package soldered to a 2 oz Cu plate PCB thermal plane.
16. Airflow is at 0 LFM (no airflow).
17. Specified at 150
°C junction temperature and 70°C ambient temperature.
18. It is recommended that the power pad of the device must be connected to the PCB thermal plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com