| 전자부품 데이터시트 검색엔진 |
|
HSMU-A100-R00J1 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HSMU-A100-R00J1 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
|
1 / 2 page ![]() Agilent HSMx-A10x-xxxxx PLCC-2 SMT LED Product Brief Background An industry leader in high brightness LED technology, Agilent Technologies offers a wide range of surface-mount (SMT) LEDs, including Subminia- ture lamps, ChipLEDs and High flux LEDs. As more applications demand SMT LEDs, we have introduced the Agilent PLCC-2 SMT LEDs. These new products deliver top emission in the industry-standard PLCC-2 package. About the products This surface-mount LED comes in PLCC-2 standard package dimension. It has a substrate made up of a molded plastic reflector sitting on top of a bent lead frame. The die is attached within the reflector cavity and the cavity is encapsulated by an Agilent proprietary epoxy blend. The PLCC-2 SMT LED products with a viewing angle of 120 ° is ideal for instruments/switch/icon backlighting. Its external reflec- tor makes easy coupling with light pipe/light guide for an even- larger area backlighting. The package design coupled with careful selection of component materials allow these products to perform with high reliability in a larger temperature range -40 °C to 100 °C. The high reliability feature is crucial to Automotive Interior and Indoor ESS. This package is also designed to be compatible with both IR-solder reflow and through-the-wave soldering. The new Agilent TLED will carry the part number HSMx-A10x- xxxxx. Features and Benefits • Industry Standard PLCC-2 SMT package – No change in existing board layout, drop-in replacement for the existing PLCC-2 SMT LEDs • High brightness using AlInGaP and InGaN dice technologies – Only supplier using TS AlInGaP material • Available in multiple colors – Broad range of colors: Red, Red- Orange, Orange, Amber, Yellow- Green, Emerald Green, Green, Cyan and Blue • Super wide viewing angle at 120 ° – Well-suited for backlighting applications • High volume, high reliability – Cost effective solution • Compatible with both IR and TTW soldering process • Black reflector surface – for reduce contrast in ESS • High brightness performance – only PLCC-2 SMT LED supplier offering TS AlInGaP material |
유사한 부품 번호 - HSMU-A100-R00J1 |
|
유사한 설명 - HSMU-A100-R00J1 |