전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0300LB 데이터시트(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

부품명 P0300LB
상세설명  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
홈페이지  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0300LB 데이터시트(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0300LB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0300LB Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500LA_B_C Series
Figure 5. Test circuit 3 for dynamic IH parameter
TEST PROCEDURE
1/ Adjust the current level at the Iv alue by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T.w ith a surge current
H
I=
10A, 10/1000µs.
3/ The D.U.T.w ill come back off-state within 50ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H
R
VBAT =- 48 V
Surge generator
D.U.T
7



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com