전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AHP201208RA-R24M 데이터시트(PDF) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

부품명 AHP201208RA-R24M
상세설명  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-TECH [TAI-TECH Advanced Electronics Co., Ltd.]
홈페이지  https://www.tai-tech.com.tw/en/
Logo TAI-TECH - TAI-TECH Advanced Electronics Co., Ltd.

AHP201208RA-R24M 데이터시트(HTML) 2 Page - TAI-TECH Advanced Electronics Co., Ltd.

  AHP201208RA-R24M Datasheet HTML 1Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208RA-R24M Datasheet HTML 2Page - TAI-TECH Advanced Electronics Co., Ltd. AHP201208RA-R24M Datasheet HTML 3Page - TAI-TECH Advanced Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TAI-TECH
www.tai-tech.com.tw
P3
Note:
Isat:Based on inductance change (△L/L0:≦30%)@ ambient temp. 25℃
Irms:Based on temperature rise (△T:40℃.)Max
Measurement board data
Irms
Material : FR4
Board dimensions : 100 X 50 X 1.6t mm
Pattern dimensions: 45 X 30 mm (Double side board)
Pattern thickness : 50 μm
012
3
4
DCcurrent(A)
0
0.1
0.2
0.3
0.4
AHP201208RA-R24
012
34
DCcurrent(A)
0
0.2
0.4
0.6
0.8
AHP201208RA-R47
0
0.8
1.6
2.4
3.2
DCcurrent(A)
0
0.3
0.6
0.9
1.2
AHP201208RA-R68
0
0.7
1.4
2.1
2.8
DCcurrent(A)
0
0.5
1
1.5
2
AHP201208RA-1R0
0
0.6
1.2
1.8
2.4
DCcurrent(A)
0
0.7
1.4
2.1
2.8
AHP201208RA-1R5
0
0.4
0.8
1.2
1.6
DCcurrent(A)
0
1
2
3
4
AHP201208RA-2R2



Html Pages

1 2 3