| 전자부품 데이터시트 검색엔진 |
|
ATS673LSETN-HT 데이터시트(PDF) 19 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS673LSETN-HT 데이터시트(HTML) 19 Page - Allegro MicroSystems |
|
19 / 20 page ![]() 19 ATS673LSE-DS Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com Allegro MicroSystems, Inc. Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications ATS673 and ATS674 Package SE, 4-Pin SIP 1.27 .050 1.08 .043 10 .394 7 .276 0.38 .015 6.2 .244 20.95 .825 11.6 .457 4.9 .193 3.3 .130 1.3 .051 2 .079 0.6 .240 Dimensions in millimeters. Untoleranced dimensions are nominal. U.S. Customary dimensions (in.) in brackets, for reference only 24 3 1 A A A B C C D D B Dambar removal protrusion Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Active Area Depth 0.43 mm [.017] Thermoplastic Molded Lead Bar for alignment during shipment E Hall element (size not to scale) E |