| 전자부품 데이터시트 검색엔진 |
|
SI-8033JD 데이터시트(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
SI-8033JD 데이터시트(HTML) 2 Page - Allegro MicroSystems |
|
2 / 10 page ![]() SI-8033JD Step-Down to 3.3 V, 1.5 A, DC/DC Converter 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 Switching Regulators 2 FUNCTIONAL BLOCK DIAGRAM Copyright © 2004, 2005 Allegro MicroSystems, Inc. Recommended Operating Conditions Min Max Units DC Input Voltage (IO ≤ 1 A) 5.3 6.3 V (IO ≤ 1.5 A) 6.3 40 V DC Output Current (VI ≥ 6.3 V) 0 1.5 A Operating Junction Temp. -30 +125 °C For the availability of parts meeting -40°C require- ments, contact Allegro’s Sales Representative. Allowable Package Power Dissipation This data sheet is based on Sanken data sheet SSJ-02530 |