전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VACL2012 데이터시트(PDF) 1 Page - Hubbell Incorporated.

부품명 VACL2012
상세설명  Terminal, Compression
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HUBBELL [Hubbell Incorporated.]
홈페이지  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

VACL2012 데이터시트(HTML) 1 Page - Hubbell Incorporated.

  VACL2012 Datasheet HTML 1Page - Hubbell Incorporated. VACL2012 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Crimp Method
VERSAtile™ (Accomodates Conventional And Anderson Tools)
Die Size
*See Resources / Downloads for die selection and installation instructions
Material
Aluminum Alloy - Tin Plated
Material - Body
Aluminum
Number of Pad Holes
1
Style
Pressed Tubing
UPC
096359334040
Dimensions
Diameter - Pad Bolt
0.5 in
Weight
0.078 lb
Conductor Related
Conductor Compatibility
ACSR-Swan-4-6/1;ACSR-Swanate-4-7/1;ACSR-Sparrow-2-6/1;ACSR-
Sparate-2-7/1;ACSR-Robin-1-6/1;ACSR-Raven-1/0-6/1;AAC-Rose-4-7;AAC-
Iris-2-7;AAC-Pansy-1-7;AAC-Poppy-1/0-7;AAC-Aster-2/0-7;AAAC 6201
Alloy-Alton-48.69-6/18;AAAC 6201 Alloy-Ames-77.47-6/18;AAAC 6201
Alloy-Azusa-123.3-6/18
Conductor Diameter (VersaCrimp) - Maximum
0.419 in
Conductor Diameter (VersaCrimp) - Minimum
0.232 in
Certifications and Compliance
UL Listed
Yes
Logistics
Carton Quantity
200 EA
For further technical assistance, please contact us
Domestic Customer Service
Hubbell Power Systems
210 N. Allen Centralia, MO 65240 USA
Phone: (573) 682-5521
Fax: (573) 682-8475
Email: hpscs@hubbell.com
International Customer Service
Phone: +1-573-682-5521
Fax: +1-573-682-8516
Email: hpsintlcs@hubbell.com
* Representative image
Terminal, Compression
by ANDERSON
Catalog ID: VACL2012
VERSAtile Aluminum Compression Terminal, 2/0 str AL/CU, 1 H, 1/2"
Rated at 34.5 KV. UL listed for aluminum or copper conductors. CSA
certified.


유사한 부품 번호 - VACL2012

제조업체부품명데이터시트상세설명
logo
Hubbell Incorporated.
VACL2012BN HUBBELL-VACL2012BN Datasheet
363Kb / 2P
Terminal, Compression
More results

유사한 설명 - VACL2012

제조업체부품명데이터시트상세설명
logo
Hubbell Incorporated.
VACL75012 HUBBELL-VACL75012 Datasheet
368Kb / 2P
Terminal, Compression
VACL60012BN HUBBELL-VACL60012BN Datasheet
368Kb / 2P
Terminal, Compression
VACL50012 HUBBELL-VACL50012 Datasheet
367Kb / 2P
Terminal, Compression
VACL40012BN HUBBELL-VACL40012BN Datasheet
368Kb / 2P
Terminal, Compression
VACL35012 HUBBELL-VACL35012 Datasheet
367Kb / 2P
Terminal, Compression
VACL30012 HUBBELL-VACL30012 Datasheet
367Kb / 2P
Terminal, Compression
VACL25012BN HUBBELL-VACL25012BN Datasheet
368Kb / 2P
Terminal, Compression
VACL3012 HUBBELL-VACL3012 Datasheet
367Kb / 2P
Terminal, Compression
VACL1038 HUBBELL-VACL1038 Datasheet
366Kb / 2P
Terminal, Compression
VACL214 HUBBELL-VACL214 Datasheet
367Kb / 2P
Terminal, Compression
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com