전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32MP153C 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32MP153C
상세설명  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153C 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32MP153C Datasheet HTML 1Page - STMicroelectronics STM32MP153C Datasheet HTML 2Page - STMicroelectronics STM32MP153C Datasheet HTML 3Page - STMicroelectronics STM32MP153C Datasheet HTML 4Page - STMicroelectronics STM32MP153C Datasheet HTML 5Page - STMicroelectronics STM32MP153C Datasheet HTML 6Page - STMicroelectronics STM32MP153C Datasheet HTML 7Page - STMicroelectronics STM32MP153C Datasheet HTML 8Page - STMicroelectronics STM32MP153C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 254 page
background image
Contents
STM32MP153C/F
4/254
DS12503 Rev 3
3.19
Flexible memory controller (FMC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.20
Dual Quad-SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . 36
3.21
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.22
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.23
Digital temperature sensor (DTS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.24
VBAT operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.25
Digital-to-analog converters (DAC1, DAC2) . . . . . . . . . . . . . . . . . . . . . . . 38
3.26
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.27
Digital filter for sigma delta modulators (DFSDM1) . . . . . . . . . . . . . . . . . 39
3.28
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.29
LCD-TFT display controller (LTDC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
3.30
True random number generator (RNG1, RNG2) . . . . . . . . . . . . . . . . . . . 41
3.31
Cryptographic and hash processors (CRYP1, CRYP2 and
HASH1, HASH2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.32
Boot and security and OTP control (BSEC) . . . . . . . . . . . . . . . . . . . . . . . 42
3.33
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.33.1
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.2
General-purpose timers (TIM2, TIM3, TIM4, TIM5, TIM12, TIM13,
TIM14, TIM15, TIM16, TIM17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.33.3
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.33.4
Low-power timer (LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5) . . . . . 45
3.33.5
Independent watchdog (IWDG1, IWDG2) . . . . . . . . . . . . . . . . . . . . . . . 45
3.33.6
System window watchdog (WWDG1) . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.33.7
SysTick timer (Cortex-M4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.33.8
Generic timers (Cortex-A7 CNT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.34
System timer generation (STGEN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.35
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.36
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.37
Inter-integrated circuit interface (I2C1, I2C2, I2C3, I2C4, I2C5, I2C6) . . . 49
3.38
Universal synchronous asynchronous receiver transmitter
(USART1, USART2, USART3, USART6 and UART4, UART5,
UART7, UART8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.39
Serial peripheral interface (SPI1, SPI2, SPI3, SPI4, SPI5,
SPI6)– inter- integrated sound interfaces (I2S1, I2S2, I2S3) . . . . . . . . . . 50
3.40
Serial audio interfaces (SAI1, SAI2, SAI3, SAI4) . . . . . . . . . . . . . . . . . . . 51
3.41
SPDIF receiver interface (SPDIFRX) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More