| 전자부품 데이터시트 검색엔진 |
|
HCF4099B 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4099B 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() 1/14 October 2002 s SERIAL DATA INPUT - ACTIVE PARALLEL OUTPUT s STORAGE REGISTER CAPABILITY - MASTER CLEAR s CAN FUNCTION AS DEMULTIPLEXER s QUIESCENT CURRENT SPECIFIED UP TO 20V s STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS s INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25°C s 100% TESTED FOR QUIESCENT CURRENT s MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES" DESCRIPTION HCF4099B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. HCF4099B, an 8-bit addressable latch, is a serial-input, parallel output storage register that can perform a variety of functions. Data is input to a particular bit in the latch when that bit is addressed (by means of input A0, A1, A2) and when WRITE DISABLE is at a low level. When WRITE DISABLE is high, data entry is inhibited; however, all 8 outputs can be continuously read independent of WRITE DISABLE and address inputs. A master RESET input is available, which resets all bits to a logic "0" level when RESET and WRITE DISABLE are at a high level. When RESET is at a high level, and WRITE DISABLE is at a low level, the latch acts as a 1-of-8 demultiplexer ; the bit that is addressed has an active output which follows the data input, while all unaddressed bits are held to a logic "0" level. HCF4099B 8 BIT ADDRESSABLE LATCH PIN CONNECTION ORDER CODES PACKAGE TUBE T & R DIP HCF4099BEY SOP HCF4099BM1 HCF4099M013TR DIP SOP |
유사한 부품 번호 - HCF4099B |
|
유사한 설명 - HCF4099B |