전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBB75DFIX 데이터시트(PDF) 3 Page - Neutrik AG

부품명 NBB75DFIX
상세설명  Isolated UHD BNC chassis connector, feedthrough in antraloy plated D-shape housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEUTRIK [Neutrik AG]
홈페이지  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NBB75DFIX 데이터시트(HTML) 3 Page - Neutrik AG

  NBB75DFIX Datasheet HTML 1Page - Neutrik AG NBB75DFIX Datasheet HTML 2Page - Neutrik AG NBB75DFIX Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Environmental
Temperature range
-30 °C to +85 °C
NBB75DFIX
3
/3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com