전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBB75DSI 데이터시트(PDF) 2 Page - Neutrik AG

부품명 NBB75DSI
상세설명  Isolated BNC chassis connector, solder version in nickel D-shape housing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEUTRIK [Neutrik AG]
홈페이지  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NBB75DSI 데이터시트(HTML) 2 Page - Neutrik AG

  NBB75DSI Datasheet HTML 1Page - Neutrik AG NBB75DSI Datasheet HTML 2Page - Neutrik AG NBB75DSI Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NBB75DSI
Connection Type
BNC 75 Ω
Gender
female
Electrical
Signal Type
HD, SDI, Video, AES/EBU, Composit, YUV, RGB, RGBH,
RGBHV
Contact resistance
≤ 3 mΩ (inner)
Contact resistance
≤ 2 mΩ (outer)
Dielectric strength
1,5 kVdc
Impedance
75 Ω
Insulation resistance
> 5 GΩ
Rated voltage
<50 V
VSWR
≤1.03/>37 dB up to 1 GHz
≤1.05/>32 dB up to 2 GHz
≤1.08/>28 dB up to 3 Ghz
Mechanical
Insertion force
< 25 N
Lifetime
> 1000 mating cycles
Wiresize
Wiring
Solder contacts
Locking device
Bayonett
Mounting direction
Front mounting
Chassis shape
D
NBB75DSI
2
/3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com