| 전자부품 데이터시트 검색엔진 |
|
PR533 데이터시트(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PR533 데이터시트(HTML) 28 Page - NXP Semiconductors |
|
28 / 36 page ![]() PR533_SDS All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product short data sheet COMPANY PUBLIC Rev. 3.6 — 27 October 2014 206436 28 of 36 NXP Semiconductors PR533 USB NFC integrated reader solution 10.24 Temperature sensor [1] The temperature sensor embedded in the PR533 is not intended to monitor the temperature. Its purpose is to prevent destruction of the IC due to excessive heat. The external application should include circuitry to ensure that the ambient temperature does not exceed 85 C as specified in Table 5 “Operating conditions”. Table 36. Temperature sensor characteristics Symbol Parameter Conditions Min Typ Max Unit Tth(act)otp overtemperature protection acti- vation threshold temperature CIU [1] 100 125 140 C |