전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HX6228KBHT 데이터시트(PDF) 11 Page - Honeywell Solid State Electronics Center

부품명 HX6228KBHT
상세설명  128K x 8 STATIC RAM-SOI HX6228
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HX6228KBHT 데이터시트(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HX6228KBHT Datasheet HTML 4Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 5Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 6Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 7Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 8Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 9Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 10Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 11Page - Honeywell Solid State Electronics Center HX6228KBHT Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HX6228
11
40-LEAD FLAT PACK
I
C
Capacitor Pads
Kovar Lid [3]
X
A
N
Ceramic Body
(Pedestal)
D
(width)
b
e
(pitch)
1
21
40
20
L
E
Top
View
40
21
A
A
b
c
D
E
e
F
G
H
I
L
N
S
T
U
V
W
X
Z
[1] Parts delivered with leads unformed
[2] At tie bar
[3] Lid tied to VSS
0.131 ± .015
0.008 ± 0.002
0.006 ± 0.0015
0.710 ±0.010
0.775 ± 0.007
0.025 ± 0.004
0.475 ± 0.005
0.760 ± 0.008
0.135 ± 0.005
0.030 ± 0.005
0.285 ± 0.015
0.050 ± 0.004
0.1175 ref
0.064 ref
0.006 ref
0.028 ref
0.125 ref
0.500 ± 0.005
0.140 ref
All dimensions are in inches
G
Non-Conductive
Tie-Bar
T
U
H
W
F
Bottom
View
V
Z
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com