| 전자부품 데이터시트 검색엔진 |
|
MM54HC34 데이터시트(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MM54HC34 데이터시트(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF9389 January 1988 MM54HC34MM74HC34 Non-Inverter General Description The MM54HC34MM74HC34 are logic functions fabricated by using advanced silicon-gate CMOS technology which provides the inherent benefits of CMOSlow quiescent power and wide power supply range but are functionally as well as pin-out compatible with standard DM54LS74LS de- vices The MM54HC34MM74HC34 feature low power dis- sipation and fast switching times All inputs are protected from static discharge by internal diodes to VCC and ground Features Y Fast switching tPLH tPHL e 10 ns (typ) Y High fanout t 10 LS loads Connection Diagram Dual-In-Line Package TLF9389 – 1 Top View Order Number MM54HC34 or MM74HC34 C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
유사한 부품 번호 - MM54HC34 |
|
유사한 설명 - MM54HC34 |