전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VBQG4338 데이터시트(PDF) 2 Page - VBsemi Electronics Co.,Ltd

부품명 VBQG4338
상세설명  Dual P-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBQG4338 데이터시트(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBQG4338 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBQG4338 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.5
- 2.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 10 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 4.0 A
0.055
Ω
VGS = - 4.5 V, ID = - 3.8 A
0.057
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 4.0 A
13
S
Diode Forward Voltagea
VSD
IS = - 2.3 A, VGS = 0 V
- 0.8
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 4.0 A
14
21
nC
Gate-Source Charge
Qgs
2.4
Gate-Drain Charge
Qgd
3.8
Gate Resistance
Rg
8.5
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
10
15
ns
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
38
60
Fall Time
tf
28
45
Source-Drain Reverse Recovery Time
trr
IF = - 2.3 A, dI/dt = 100 A/µs
20
40
Output Characteristics
0
4
8
12
16
20
0
1234
5
VGS = 10 thru 5 V
2 V
VDS - Drain-to-Source Voltage (V)
4 V
Transfer Characteristics
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25 °C
TC = 125 °C
- 55 °C
VGS - Gate-to-Source Voltage (V)
www.VBsemi.com
VBQG4338



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com