전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2127AT 데이터시트(PDF) 98 Page - NXP Semiconductors

부품명 PCF2127AT
상세설명  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127AT 데이터시트(HTML) 98 Page - NXP Semiconductors

Back Button PCF2127AT Datasheet HTML 92Page - NXP Semiconductors PCF2127AT Datasheet HTML 93Page - NXP Semiconductors PCF2127AT Datasheet HTML 94Page - NXP Semiconductors PCF2127AT Datasheet HTML 95Page - NXP Semiconductors PCF2127AT Datasheet HTML 96Page - NXP Semiconductors PCF2127AT Datasheet HTML 97Page - NXP Semiconductors PCF2127AT Datasheet HTML 98Page - NXP Semiconductors PCF2127AT Datasheet HTML 99Page - NXP Semiconductors PCF2127AT Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
98 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
27. Figures
Fig 1.
Block diagram of PCF2127 . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for PCF2127AT (SO20) . . . . . . .4
Fig 3.
Pin configuration for PCF2127T (SO16) . . . . . . . .4
Fig 4.
Position of the stubs from the package assembly
process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 5.
Handling address registers . . . . . . . . . . . . . . . . . .6
Fig 6.
Battery switch-over behavior in standard mode with
bit BIE set logic 1 (enabled) . . . . . . . . . . . . . . . . .20
Fig 7.
Battery switch-over behavior in direct switching
mode with bit BIE set logic 1 (enabled) . . . . . . . .21
Fig 8.
Battery switch-over circuit, simplified block
diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 9.
Battery low detection behavior with bit BLIE set logic
1 (enabled). . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 10. Typical application of the extra power fail detection
function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Fig 11. PFO signal behavior when battery switch-over is
enabled in standard mode and
Vth(uvp) >(VBAT,Vth(sw)bat) . . . . . . . . . . . . . . . . . . .25
Fig 12. PFO signal behavior when battery switch-over is
enabled in direct switching mode
and Vth(uvp) < VBAT . . . . . . . . . . . . . . . . . . . . . . . .25
Fig 13. PFO signal behavior when battery switch-over is
disabled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .26
Fig 14. Typical driving capability of VBBS: (VBBS - VDD) with
respect to the output load current IBBS. . . . . . . . .27
Fig 15. Power failure event due to battery discharge: reset
occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 16. Dependency between POR and oscillator . . . . . .29
Fig 17. Power-On Reset (POR) system. . . . . . . . . . . . . .29
Fig 18. Power-On Reset Override (PORO) sequence, valid
for both I2C-bus and SPI-bus. . . . . . . . . . . . . . . .30
Fig 19. Data flow of the time function. . . . . . . . . . . . . . . .35
Fig 20. Access time for read/write operations . . . . . . . . .36
Fig 21. Alarm function block diagram. . . . . . . . . . . . . . . .37
Fig 22. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .40
Fig 23. WD_CD[1:0] = 10: watchdog activates an interrupt
when timed out . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 24. WD_CD[1:0] = 11: watchdog activates a reset pulse
when timed out . . . . . . . . . . . . . . . . . . . . . . . . . .44
Fig 25. General countdown timer behavior . . . . . . . . . . .45
Fig 26. Timestamp detection with two push-buttons on the
TS pin (for example, for tamper detection) . . . . .48
Fig 27. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .54
Fig 28. INT example for SI and MI when TI_TP is logic 156
Fig 29. INT example for SI and MI when TI_TP is logic 056
Fig 30. Example of shortening the INT pulse by clearing the
MSF flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Fig 31. Example of shortening the INT pulse by clearing the
CDTF flag . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Fig 32. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .58
Fig 33. STOP bit functional diagram . . . . . . . . . . . . . . . .60
Fig 34. STOP bit release timing . . . . . . . . . . . . . . . . . . . .61
Fig 35. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .62
Fig 36. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .62
Fig 37. Data transfer overview . . . . . . . . . . . . . . . . . . . . .63
Fig 38. SPI-bus write examples . . . . . . . . . . . . . . . . . . . 64
Fig 39. SPI-bus read examples. . . . . . . . . . . . . . . . . . . . 65
Fig 40. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Fig 41. Definition of START and STOP conditions . . . . . 66
Fig 42. System configuration. . . . . . . . . . . . . . . . . . . . . . 67
Fig 43. Acknowledgement on the I2C-bus. . . . . . . . . . . . 67
Fig 44. Bus protocol, writing to registers . . . . . . . . . . . . . 68
Fig 45. Bus protocol, reading from registers . . . . . . . . . . 68
Fig 46. Bus protocol, writing to RAM . . . . . . . . . . . . . . . . 69
Fig 47. Bus protocol, reading from RAM . . . . . . . . . . . . . 70
Fig 48. Device diode protection diagram of PCF2127 . . 71
Fig 49. IOL on pin SDA/CE . . . . . . . . . . . . . . . . . . . . . . . 75
Fig 50. IDD as a function of temperature . . . . . . . . . . . . . 75
Fig 51. IDD as a function of VDD. . . . . . . . . . . . . . . . . . . . 76
Fig 52. Typical IDD as a function of the power management
settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Fig 53. Typical characteristic of frequency with respect to
temperature of PCF2127AT . . . . . . . . . . . . . . . . 79
Fig 54. Typical characteristic of frequency with respect to
temperature of PCF2127T . . . . . . . . . . . . . . . . . 79
Fig 55. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Fig 56. I2C-bus timing diagram; rise and fall times refer to
30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Fig 57. General application diagram . . . . . . . . . . . . . . . . 84
Fig 58. Package outline SOT163-1 (SO20)
of PCF2127AT. . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Fig 59. Package outline SOT162-1 (SO16)
of PCF2127T. . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Fig 60. Footprint information for reflow soldering of
SOT163-1 (SO20) of PCF2127AT. . . . . . . . . . . . 87
Fig 61. Footprint information for reflow soldering of
SOT162-1 (SO16) of PCF2127T. . . . . . . . . . . . . 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100