전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RH005 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 RH005
상세설명  Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH005 데이터시트(HTML) 2 Page - Vishay Siliconix

  RH005 Datasheet HTML 1Page - Vishay Siliconix RH005 Datasheet HTML 2Page - Vishay Siliconix RH005 Datasheet HTML 3Page - Vishay Siliconix RH005 Datasheet HTML 4Page - Vishay Siliconix RH005 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RE Military
www.vishay.com
Vishay Dale
Revision: 04-Sep-2019
2
Document Number: 30282
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
DIMENSIONS in inches [millimeters]
MILITARY
MODEL
DIMENSIONS in inches [millimeters]
AB
C
D
E
F
G
H
J
K
L
M
N
P
RE60
0.444
± 0.005
[11.28
± 0.127]
0.490
± 0.005
[12.45
± 0.127]
0.600
± 0.030
[15.24
± 0.787]
1.125
± 0.062
[28.58
± 1.57]
0.334
± 0.015
[8.48
± 0.381]
0.646
± 0.015
[16.41
± 0.381]
0.320
± 0.015
[8.13
± 0.381]
0.065
± 0.010
[1.65
± 0.254]
0.133
± 0.010
[3.38
± 0.254]
0.078
± 0.010
[1.98
± 0.254]
0.093
± 0.005
[2.36
± 0.127]
0.078
± 0.015
[1.98
± 0.381]
0.050
± 0.005
[1.27
± 0.127]
0.266
± 0.062
[6.76
± 1.57]
RE65
0.562
± 0.005
[14.27
± 0.127]
0.625
± 0.005
[15.88
± 0.127]
0.750
± 0.031
[19.05
± 0.787]
1.375
± 0.062
[34.93
± 1.57]
0.420
± 0.015
[10.67
± 0.381]
0.800
± 0.015
[20.32
± 0.381]
0.390
± 0.015
[9.91
± 0.381]
0.075
± 0.010
[1.91
± 0.254]
0.165
± 0.010
[4.19
± 0.254]
0.093
± 0.010
[2.36
± 0.254]
0.094
± 0.005
[2.39
± 0.127]
0.102
± 0.015
[2.59
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.312
± 0.062
[7.92
± 1.57]
RE70
0.719
± 0.005
[18.26
± 0.127]
0.781
± 0.005
[19.84
± 0.127]
1.062
± 0.031
[26.97
± 0.787]
1.938
± 0.062
[49.23
± 1.57]
0.550
± 0.015
[13.97
± 0.381]
1.080
± 0.015
[27.43
± 0.381]
0.546
± 0.015
[13.87
± 0.381]
0.075
± 0.010
[1.91
± 0.254]
0.231
± 0.010
[5.87
± 0.254]
0.172
± 0.010
[4.37
± 0.254]
0.125
± 0.005
[3.18
± 0.127]
0.115
± 0.015
[2.92
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.438
± 0.062
[11.13
± 1.57]
RE75
1.562
± 0.005
[39.67
± 0.127]
0.844
± 0.005
[21.44
± 0.127]
1.968
± 0.031
[49.99
± 0.787]
2.781
± 0.062
[70.64
± 1.57]
0.630
± 0.015
[16.00
± 0.381]
1.140
± 0.015
[28.96
± 0.381]
0.610
± 0.015
[15.49
± 0.381]
0.088
± 0.010
[2.24
± 0.254]
0.260
± 0.010
[6.60
± 0.254]
0.196
± 0.010
[4.98
± 0.254]
0.125
± 0.005
[3.18
± 0.127]
0.107
± 0.015
[2.72
± 0.381]
0.085
± 0.005
[2.16
± 0.127]
0.438
± 0.062
[11.13
± 1.57]
RE60, RE65
RE70, RE75
P
D
C
A
L
M
N
J
F
E
H
G
K
B
RE80
RE77
2.25 ± 0.010
[57.15 ± 0.254]
0.989 ± 0.031
[25.12 ± 0.787]
2.812 ± 0.031
[71.42 ± 0.787]
3.50 ± 0.031
[88.90 ± 0.787]
Stainless steel
nut and stud
1.125 ± 0.031
[28.58 ± 0.787]
0.188 ± 0.010
[4.78 ± 0.254]
Dia. typ.
12 - 24
UNC-2A
Thd. typ.
2.75 ± 0.010
[69.85 ± 0.254]
0.375 ± 0.031
[9.52 ± 0.787]
5.478 ± 0.093
[139.14 ± 2.36]
1.75 ± 0.031
[44.45 ± 0.787]
2.188 ± 0.031
[55.58 ± 0.787]
2.125 ± 0.031
[53.98 ± 0.787]
0.250 ± 0.031
[6.35 ± 0.787]
typ.
4.50 ± 0.031
[114.30 ± 0.787]
2.50 ± 0.010
[63.50 ± 0.254]
7.0 ± 0.093 [177.80 ± 2.36]
0.875 ± 0.010
[22.23 ± 0.254]
3.0 ± 0.010
[76.20 ± 0.254]
3.875 ± 0.010
[98.42 ± 0.254]
0.770 ± 0.015
[19.56 ± 0.381]
0.188 ± 0.031
[4.78 ± 0.787]
typ.
1.812 ± 0.031
[46.02 ± 0.787]
0.312 ± 0.031
[7.92 ± 0.787]
1.25 ± 0.062
[31.75 ± 1.575]
1.25 ± 0.062
[31.75 ± 1.575]
1/4 - 20
UNC-2A thd. typ.
0.955 ± 0.015
[24.26 ± 0.381]
3.0 ± 0.031
[76.20 ± 0.787]
Nickel plated
brass nut
stainless steel stud
0.188 ± 0.010
[4.78 ± 0.254]
Dia. typ.



Html Pages

1 2 3 4 5