전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HBLE061T-2R2MS 데이터시트(PDF) 2 Page - Cyntec Co., Ltd.

부품명 HBLE061T-2R2MS
상세설명  Power Choke Coil HBLE061T MS type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYNTEC [Cyntec Co., Ltd.]
홈페이지  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HBLE061T-2R2MS 데이터시트(HTML) 2 Page - Cyntec Co., Ltd.

  HBLE061T-2R2MS Datasheet HTML 1Page - Cyntec Co., Ltd. HBLE061T-2R2MS Datasheet HTML 2Page - Cyntec Co., Ltd. HBLE061T-2R2MS Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
Sep., 2016
DOCUMENT
: HBLE061T-000
REVISION
: A1
PAGE
: 2 OF 3
Specifications
Part Number
L0
Inductance
( µH )
@ (0A)
Rdc ( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
HBLE061T-2R2MS
2.2
85
102
3.2
2.8
4.8
4.3
HBLE061T-4R7MS
4.7
144
172
2.2
2.0
2.8
2.5
HBLE061T-6R8MS
6.8
164
197
2.0
1.8
2.5
2.2
HBLE061T-100MS
10.0
259
310
1.6
1.4
2.1
1.9
*: If you require another part number please contact with us.
**: Inductance Tolerance ± 20%
Note 1.
: All test data is referenced to 25℃ ambient.
Note 2.
: Test Condition:100KHz, 1.0Vrms
Note 3.
: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.
: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.
: Operating Temperature Range -55℃ to + 125℃
Note 6.
: The part temperature (ambient + temp rise) should not exceed 125℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.
: The rated current as listed is either the saturation current or the heating current depending on which value is
lower.



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com