전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP9974GS 데이터시트(PDF) 3 Page - VBsemi Electronics Co.,Ltd

부품명 AP9974GS
상세설명  N-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AP9974GS 데이터시트(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  AP9974GS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AP9974GS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C unless noted)
Output Characteristics
Transconductance
Capacitance
0
40
80
120
160
200
0
2468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 5 V
2 V, 3 V
4 V
0
20
40
60
80
100
120
0
10203040
50
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
500
1000
1500
2000
2500
3000
3500
4000
0
102030
4050
60
VDS - Drain-to-Source Voltage (V)
Crss
Ciss
Coss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
0
1234
5
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C
0.000
0.003
0.006
0.009
0.012
0.015
0
20406080
100
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0
10203040
50
Qg - Total Gate Charge (nC)
VDS = 30 V
ID = 50 A
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
AP9974GS
3



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com