전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

577203 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 577203
상세설명  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

577203 데이터시트(HTML) 1 Page - Festo Corporation.

  577203 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
ADN-100-30-A-PPS-A
Part number: 577203
Data sheet
Feature
Value
Stroke
30 mm
Piston diameter
100 mm
Piston rod thread
M16x1.5
Type code
ADN
Cushioning
Self-adjusting pneumatic end-position cushioning
Mounting position
Any
Conforms to standard
ISO 21287
Piston rod end
External thread
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
2.5 J
Cushioning length
10 mm
Theoretical force at 6 bar, retracting
4524 N
Theoretical force at 6 bar, advancing
4712 N
Moving mass at 0 mm stroke
570 g
Additional weight per 10 mm stroke
98 g
Basic weight with 0 mm stroke
2154 g
Additional moving mass per 10 mm stroke
25 g
Type of mounting
With accessories
Optionally:
With internal thread
With through-hole
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Coated
Die-cast aluminum
Seals material
TPE-U(PUR)
Piston rod material
High-alloy steel
Material of cylinder barrel
Wrought aluminum alloy
Smooth anodized
6/3/20 - Subject to change - Festo AG & Co. KG
1/1


유사한 부품 번호 - 577203

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
577200 FESTO-577200 Datasheet
88Kb / 1P
Compact air cylinder
577201 FESTO-577201 Datasheet
88Kb / 1P
Compact air cylinder
577202 FESTO-577202 Datasheet
88Kb / 1P
Compact air cylinder
logo
Aavid, Thermal Division...
577202B00000 AAVID-577202B00000 Datasheet
78Kb / 2P
For use with TO-220 packages
2/26/2003
577202B00000G AAVID-577202B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results

유사한 설명 - 577203

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com