전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28W320EBT 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 M28W320EBT
상세설명  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320EBT 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button M28W320EBT Datasheet HTML 11Page - STMicroelectronics M28W320EBT Datasheet HTML 12Page - STMicroelectronics M28W320EBT Datasheet HTML 13Page - STMicroelectronics M28W320EBT Datasheet HTML 14Page - STMicroelectronics M28W320EBT Datasheet HTML 15Page - STMicroelectronics M28W320EBT Datasheet HTML 16Page - STMicroelectronics M28W320EBT Datasheet HTML 17Page - STMicroelectronics M28W320EBT Datasheet HTML 18Page - STMicroelectronics M28W320EBT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15/45
M28W320EBT, M28W320EBB
Table 6. Memory Blocks Protection Truth Table
Note: 1. X = Don’t Care
2. VPP must also be greater than the Program Voltage Lock Out VPPLK.
Table 7. Program, Erase Times and Program/Erase Endurance Cycles
Note: 1. Typical time to program a Main or Parameter Block using the Double Word Program and the Quadruple Word Program commands
respectively.
VPP
(1)
RP
WP (1)
Lockable Blocks
(blocks #0 and #1)
Other Blocks
X
VIL
X
Protected
Protected
VIL
VIH
X
Protected
Protected
VDD or VPPH
(2)
VIH
VIL
Protected
Unprotected
VDD or VPPH
(2)
VIH
VIH
Unprotected
Unprotected
Parameter
Test Conditions
M28W320EB
Unit
Min
Typ
Max
Word Program
VPP = VDD
10
200
µs
Double Word Program
VPP = 12V ±5%
10
200
µs
Quadruple Word Program
VPP = 12V ±5%
10
200
µs
Main Block Program
VPP = 12V ±5%
0.16/0.08 (1)
5s
VPP = VDD
0.32
5
s
Parameter Block Program
VPP = 12V ±5%
0.02/0.01 (1)
4s
VPP = VDD
0.04
4
s
Main Block Erase
VPP = 12V ±5%
110
s
VPP = VDD
110
s
Parameter Block Erase
VPP = 12V ±5%
0.4
10
s
VPP = VDD
0.4
10
s
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com