전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP0504BAHT 데이터시트(PDF) 6 Page - Littelfuse

부품명 SP0504BAHT
상세설명  TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHT 데이터시트(HTML) 6 Page - Littelfuse

  SP0504BAHT Datasheet HTML 1Page - Littelfuse SP0504BAHT Datasheet HTML 2Page - Littelfuse SP0504BAHT Datasheet HTML 3Page - Littelfuse SP0504BAHT Datasheet HTML 4Page - Littelfuse SP0504BAHT Datasheet HTML 5Page - Littelfuse SP0504BAHT Datasheet HTML 6Page - Littelfuse SP0504BAHT Datasheet HTML 7Page - Littelfuse SP0504BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
225
www .littelfuse .com
5
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
e
e1
5
4
1
2
3
L1
E1 E
D
A
A1
c
B
504B
SP0504BAHT - SOT23-5
Recommended Pad Layout
O
P
N
M
Package
Pins
JEDEC
A
A1
b
c
D
E
E1
e
e1
L1
SOT23-5
5
MO-178
mm
inches
min
max
min
max
-
1.45
-
0.057
0
0.15
0
0.006
0.3
0.5
0.012
0.020
0.08
0.22
0.003
0.009
2.75
3.05
0.108
0.120
2.6
3.0
0.102
0.118
1.45
1.75
0.057
0.069
1.90 BSC
1.90 BSC
0.60 REF
0.60 REF
0.95 BSC
0.95 BSC
M
N
O
P
2.59
.102
0.95
.038
0.69
.027TYP
0.99
.039TYP
503B
E
E1
c
e
e1
1
2
4
3
b2
b
A1
A
D
L
L1
Outline Drawings
SP0503BAHT - SOT143
3.40 (.134")
3.60 (.140")
0.80 (.032")
1.00 (.040")
2.20
(.087")
REF
1.90
(.075")
1.70
(.067")
1.00 (.040")
1.20 (.048")
0.80 (.032")
1.00 (.040")
BSC
MAX
1.40 (.055")
Recommended Pad Layout
Package
Pins
JEDEC
A
A1
b
b2
c
D
E
E1
e
e1
L
L1
SOT143
4
TO-253
mm
inches
min
max
min
max
0.08
1.22
0.031
0.048
0.05
0.15
0.002
0.006
0.30
0.50
0.012
0.019
0.76
0.89
0.030
0.035
0.08
0.20
0.003
0.008
2.80
3.04
0.110
0.119
2.10
2.64
0.082
0.103
1.92 BSC
0.076 BSC
0.20 BSC
0.008 BSC
0.4
0.6
0.016
0.024
0.550 REF
0.022 REF
1.20
1.40
0.047
0.055



Html Pages

1 2 3 4 5 6 7 8