| 전자부품 데이터시트 검색엔진 |
|
SP0505BAHT 데이터시트(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SP0505BAHT 데이터시트(HTML) 6 Page - Littelfuse |
|
6 / 8 page ![]() 225 www .littelfuse .com 5 TVS Diode Arrays SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA Surface Mount TVS Avalanche Diode Array e e1 5 4 1 2 3 L1 E1 E D A A1 c B 504B SP0504BAHT - SOT23-5 Recommended Pad Layout O P N M Package Pins JEDEC A A1 b c D E E1 e e1 L1 SOT23-5 5 MO-178 mm inches min max min max - 1.45 - 0.057 0 0.15 0 0.006 0.3 0.5 0.012 0.020 0.08 0.22 0.003 0.009 2.75 3.05 0.108 0.120 2.6 3.0 0.102 0.118 1.45 1.75 0.057 0.069 1.90 BSC 1.90 BSC 0.60 REF 0.60 REF 0.95 BSC 0.95 BSC M N O P 2.59 .102 0.95 .038 0.69 .027TYP 0.99 .039TYP 503B E E1 c e e1 1 2 4 3 b2 b A1 A D L L1 Outline Drawings SP0503BAHT - SOT143 3.40 (.134") 3.60 (.140") 0.80 (.032") 1.00 (.040") 2.20 (.087") REF 1.90 (.075") 1.70 (.067") 1.00 (.040") 1.20 (.048") 0.80 (.032") 1.00 (.040") BSC MAX 1.40 (.055") Recommended Pad Layout Package Pins JEDEC A A1 b b2 c D E E1 e e1 L L1 SOT143 4 TO-253 mm inches min max min max 0.08 1.22 0.031 0.048 0.05 0.15 0.002 0.006 0.30 0.50 0.012 0.019 0.76 0.89 0.030 0.035 0.08 0.20 0.003 0.008 2.80 3.04 0.110 0.119 2.10 2.64 0.082 0.103 1.92 BSC 0.076 BSC 0.20 BSC 0.008 BSC 0.4 0.6 0.016 0.024 0.550 REF 0.022 REF 1.20 1.40 0.047 0.055 |