| 전자부품 데이터시트 검색엔진 |
|
RA4W1 데이터시트(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4W1 데이터시트(HTML) 53 Page - Renesas Technology Corp |
|
53 / 105 page ![]() R01DS0359EJ0100 Rev.1.00 Page 53 of 105 Mar 31, 2020 RA4W1 Datasheet 2. Electrical Characteristics 2.3.5 NMI and IRQ Noise Filter Note: 200 ns minimum in Software Standby mode. Note: If the clock source is switched, add 4 clock cycles of the switched source. Note 1. tPcyc indicates the cycle of PCLKB. Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock. Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 15). Figure 2.34 NMI interrupt input timing Figure 2.35 IRQ interrupt input timing Table 2.31 NMI and IRQ noise filter Parameter Symbol Min Typ Max Unit Test conditions NMI pulse width tNMIW 200 -- ns NMI digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 -- tPcyc × 2 > 200 ns 200 -- NMI digital filter enabled tNMICK × 3 ≤ 200 ns tNMICK × 3.5*2 -- tNMICK × 3 > 200 ns IRQ pulse width tIRQW 200 -- ns IRQ digital filter disabled tPcyc × 2 ≤ 200 ns tPcyc × 2*1 -- tPcyc × 2 > 200 ns 200 -- IRQ digital filter enabled tIRQCK × 3 ≤ 200 ns tIRQCK × 3.5*3 -- tIRQCK × 3 > 200 ns tNMIW NMI tIRQW IRQ |