전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS280DF810ABVR 데이터시트(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
부품명 DS280DF810ABVR
상세설명  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVR 데이터시트(HTML) 49 Page - Texas Instruments

Back Button DS280DF810ABVR Datasheet HTML 43Page - Texas Instruments DS280DF810ABVR Datasheet HTML 44Page - Texas Instruments DS280DF810ABVR Datasheet HTML 45Page - Texas Instruments DS280DF810ABVR Datasheet HTML 46Page - Texas Instruments DS280DF810ABVR Datasheet HTML 47Page - Texas Instruments DS280DF810ABVR Datasheet HTML 48Page - Texas Instruments DS280DF810ABVR Datasheet HTML 49Page - Texas Instruments DS280DF810ABVR Datasheet HTML 50Page - Texas Instruments DS280DF810ABVR Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
135X (
)
0.4
(0.8) TYP
(0.8) TYP
(
)
METAL
0.4
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.4
0.05 MIN
FCBGA - 2.51 mm max height
ABV0135A
BALL GRID ARRAY
4221740/B 02/2016
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For information, see Texas Instruments literature number SPRU811 (www.ti.com/lit/spru811).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:8X
3
A
B
C
D
E
F
G
H
J
1
2
4
5
6
7
8
9
10 11 12 13 14 15
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com