전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX187 데이터시트(PDF) 21 Page - Texas Instruments

부품명 OPAX187
상세설명  OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 데이터시트(HTML) 21 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 17Page - Texas Instruments OPAX187 Datasheet HTML 18Page - Texas Instruments OPAX187 Datasheet HTML 19Page - Texas Instruments OPAX187 Datasheet HTML 20Page - Texas Instruments OPAX187 Datasheet HTML 21Page - Texas Instruments OPAX187 Datasheet HTML 22Page - Texas Instruments OPAX187 Datasheet HTML 23Page - Texas Instruments OPAX187 Datasheet HTML 24Page - Texas Instruments OPAX187 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Op Amp
Core
R
F
R
I
R
L
V
IN
(See
Note 1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
+V
S
V+
R
S
(See Note 3)
TVS
(See Note 2)
Edge-Triggered ESD
Absorption Circuit
V±
V
S
TVS
(See Note 2)
Copyright © 2016, Texas Instruments Incorporated
21
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807E – DECEMBER 2016 – REVISED MAY 2020
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2020, Texas Instruments Incorporated
Another common question involves what happens to the amplifier if an input signal is applied to the input while
power supply +VS or –VS is at 0 V. Again, this question depends on the supply characteristic while at 0 V, or at a
level less than the input signal amplitude. If the supplies are high impedance, then the operational amplifier
supply current may be supplied by the input source through the current-steering diodes. This state is not a
normal bias condition; the amplifier most likely will not operate normally. If the supplies are low impedance, then
the current through the steering diodes can become quite high. The current level depends on the ability of the
input source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external transient voltage
suppressor (TVS) diodes to the supply pins, as shown in Figure 39. Select the TVS voltage so that the diode
does not turn on during normal operation. However, make sure that the TVS voltage is low enough so that the
TVS diode conducts if the supply pin exceeds the safe operating supply voltage level.
NOTE 1: VIN = +VS + 500 mV.
NOTE 2: TVS: +VS(max) > VTVSBR (min) > +VS.
NOTE 3: Suggested value is approximately 1 kΩ.
Figure 39. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
The OPAx187 input pins are protected from excessive differential voltage with back-to-back diodes, as shown in
Figure 39. In most circuit applications, the input protection circuitry has no consequence. However, in low-gain or
G = 1 circuits, fast-ramping input signals can forward-bias these diodes because the output of the amplifier
cannot respond rapidly enough to the input ramp. If the input signal is fast enough to create this forward-bias
condition, the input signal current must be limited to 10 mA or less. If the input signal current is not inherently
limited, an input series resistor can be used to limit the signal input current. This input series resistor degrades
the low-noise performance of the OPAx187. Figure 39 shows an example configuration that implements a
current-limiting feedback resistor.
7.4 Device Functional Modes
The OPAx187 have a single functional mode and are operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx187 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com