전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HSP48908/883 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 HSP48908/883
상세설명  Two Dimensional Convolver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP48908/883 데이터시트(HTML) 7 Page - Intersil Corporation

  HSP48908/883 Datasheet HTML 1Page - Intersil Corporation HSP48908/883 Datasheet HTML 2Page - Intersil Corporation HSP48908/883 Datasheet HTML 3Page - Intersil Corporation HSP48908/883 Datasheet HTML 4Page - Intersil Corporation HSP48908/883 Datasheet HTML 5Page - Intersil Corporation HSP48908/883 Datasheet HTML 6Page - Intersil Corporation HSP48908/883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Die Characteristics
DIE DIMENSIONS:
341 mils x 322 mils x 19 mils
±1 mil
METALLIZATION:
Type: Si - Al or Si-Al-Cu
Thickness: 8k
Å
WORST CASE CURRENT DENSITY:
2 x 105 A/cm2
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
PGA BURN-IN SCHEMATIC
PIN NAME
PGA PIN
BURN-IN
SIGNAL
PIN NAME
PGA PIN
BURN-IN
SIGNAL
PIN NAME
PGA PIN
BURN-IN
SIGNAL
CIN2
A1
F13
POUT1
C11
VCC/2
CASI.13
J2
F5
CIN0
A2
F12
CIN8
D1
F14
CASI.5
J5
F5
DIN7
A3
F7
CIN7
D2
F12
CASI.2
J6
F2
DIN5
A4
F5
POUT2
D10
VCC/2
CASI.1
J7
F1
DIN2
A5
F2
GND
D11
GND
POUT14
J10
VCC/2
DIN1
A6
F1
CLK
E1
F0
POUT12
J11
VCC/2
OE
A7
F10
GND
E2
GND
CASI.14
K1
F6
CASO.1
A8
VCC/2
CIN9
E3
F14
CASI.11
K2
F3
CASO.3
A9
VCC/2
POUT3
E9
VCC/2
CASI.10
K3
F2
CASO.4
A10
VCC/2
POUT4
E10
VCC/2
CASI.7
K4
F7
CASO.6
A11
VCC/2
POUT5
E11
VCC/2
CASI.4
K5
F4
CIN5
B1
F12
A1
F1
F13
VCC
K6
VCC
CIN3
B2
F13
VCC
F2
VCC
FRAME
K7
F15
CIN1
B3
F12
HOLD
F3
F14
POUT19
K8
VCC/2
DIN6
B4
F6
POUT7
F9
VCC/2
POUT16
K9
VCC/2
DIN3
B5
F3
POUT9
F10
VCC/2
GND
K10
GND
CASO.0
B6
VCC/2
POUT6
F11
VCC/2
POUT13
K11
VCC/2
GND
B7
GND
CS
G1
F12
CASI.12
L1
F4
CASO.2
B8
VCC/2
A2
G2
F14
CASI.9
L2
F1
GND
B9
GND
LOAD
G3
F11
CASI.8
L3
F0
CASO.5
B10
VCC/2
VCC
G9
VCC
CASI.6
L4
F6
POUT0
B11
VCC/2
GND
G10
GND
CASI.3
L5
F3
CIN6
C1
F13
POUT8
G11
VCC/2
RESET
L6
F16
CIN4
C2
F13
A0
H1
F12
CASI.0
L7
F0
DIN4
C5
F4
EALU
H2
F8
GND
L8
GND
DIN0
C6
F0
POUT11
H10
VCC/2
POUT18
L9
VCC/2
VCC
C7
VCC
POUT10
H11
VCC/2
POUT17
L10
VCC/2
CASO.7
C10
VCC/2
CASI.15
J1
F7
POUT15
L11
VCC/2
NOTES:
14. VCC/2 (2.7 ±10%) used for outputs only.
15. 47k
Ω (±20%) resistor connected to all pins except VCC and GND.
16. VCC = 5.5 ±0.5V.
17. 0.1
µF (minimum) capacitor between VCC and GND per position.
18. F0 = 100kHz
±10%, F1 - F0/2, F2 = F1/2...F11 = F10/2, 40 - 60% duty cycle.
19. Input Voltage Limits: VIL = 0.8V maximum, VIH = 4.5V ±10%.
HSP48908/883



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com