| 전자부품 데이터시트 검색엔진 |
|
LT3023EDD 데이터시트(PDF) 2 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3023EDD 데이터시트(HTML) 2 Page - Linear Technology |
|
2 / 16 page ![]() 2 LT3023 3023f (Note 1) IN Pin Voltage ........................................................ ±20V OUT1, OUT2 Pin Voltage ....................................... ±20V Input to Output Differential Voltage ....................... ±20V ADJ1, ADJ2 Pin Voltage ......................................... ±7V BYP1, BYP2 Pin Voltage ....................................... ±0.6V SHDN1, SHDN2 Pin Voltage ................................. ±20V PARAMETER CONDITIONS MIN TYP MAX UNITS Minimum Input Voltage ILOAD = 100mA q 1.8 2.3 V (Notes 3, 11) ADJ1, ADJ2 Pin Voltage VIN = 2V, ILOAD = 1mA 1.205 1.220 1.235 V (Note 3, 4) 2.3V < VIN < 20V, 1mA < ILOAD < 100mA q 1.190 1.220 1.250 V Line Regulation (Note 3) ∆VIN = 2V to 20V, ILOAD = 1mA q 110 mV Load Regulation (Note 3) VIN = 2.3V, ∆ILOAD = 1mA to 100mA 1 12 mV VIN = 2.3V, ∆ILOAD = 1mA to 100mA q 25 mV Dropout Voltage ILOAD = 1mA 0.10 0.15 V VIN = VOUT(NOMINAL) ILOAD = 1mA q 0.19 V (Notes 5, 6, 11) ILOAD = 10mA 0.17 0.22 V ILOAD = 10mA q 0.29 V ILOAD = 50mA 0.24 0.28 V ILOAD = 50mA q 0.38 V ILOAD = 100mA 0.30 0.35 V ILOAD = 100mA q 0.45 V The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2) Consult factory for parts specified with wider operating temperature ranges. ABSOLUTE AXI U RATI GS PACKAGE/ORDER I FOR ATIO ELECTRICAL CHARACTERISTICS LT3023EDD ORDER PART NUMBER DD PART MARKING Output Short-Circut Duration .......................... Indefinite Operating Junction Temperature Range (Note 2) ............................................ – 40 °C to 125°C Storage Temperature Range ................. – 65 °C to 150°C Lead Temperature (Soldering, 10 sec).................. 300 °C TOP VIEW DD PACKAGE 10-LEAD (3mm × 3mm) PLASTIC DFN EXPOSED PAD (PIN 11) IS GND MUST BE SOLDERED TO PCB 10 9 6 7 8 4 5 3 2 1 OUT2 SHDN2 IN SHDN1 OUT1 BYP2 ADJ2 GND ADJ1 BYP1 11 1 2 3 4 5 BYP2 ADJ2 GND ADJ1 BYP1 10 9 8 7 6 OUT2 SHDN2 IN SHDN1 OUT1 TOP VIEW MSE PACKAGE 10-LEAD PLASTIC MSOP EXPOSED PAD (PIN 11) IS GND MUST BE SOLDERED TO PCB 11 LT3023EMSE ORDER PART NUMBER MSE PART MARKING TJMAX = 125°C, θJA = 40°C/ W, θJC = 10°C/ W TJMAX = 150°C, θJA = 40°C/ W, θJC = 10°C/ W LAJA LTAHZ |