전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

188243 데이터시트(PDF) 1 Page - Festo Corporation.

부품명 188243
상세설명  Short-stroke cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FESTO [Festo Corporation.]
홈페이지  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

188243 데이터시트(HTML) 1 Page - Festo Corporation.

  188243 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Short-stroke cylinder
ADVC-40-10-A-P-A
Part number: 188243
Data sheet
Feature
Value
Stroke
10 mm
Piston diameter
40 mm
Type code
ADVC
Based on norm
Hole pattern
ISO 6431
VDMA 24562
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991217
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-20 °C ... 80 °C
Theoretical force at 6 bar, retracting
686 N
Theoretical force at 6 bar, advancing
754 N
Moving mass
71 g
Product weight
490 g
Type of mounting
Optionally:
With through-hole
With accessories
Pneumatic connection
G1/8
Note on materials
Free of copper and PTFE
Cover material
Wrought aluminum alloy
Anodized
Seals material
TPE-U(PU)
Housing material
Wrought aluminum alloy
Anodized
Piston rod material
High-alloy steel
6/29/20 - Subject to change - Festo AG & Co. KG
1/1


유사한 부품 번호 - 188243

제조업체부품명데이터시트상세설명
logo
Pentair plc. All rights...
18824-1 PENTAIR-18824-1 Datasheet
4Mb / 56P
A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Festo Corporation.
188240 FESTO-188240 Datasheet
91Kb / 1P
Short-stroke cylinder
188241 FESTO-188241 Datasheet
92Kb / 1P
Short-stroke cylinder
188242 FESTO-188242 Datasheet
92Kb / 1P
Short-stroke cylinder
188244 FESTO-188244 Datasheet
93Kb / 1P
Short-stroke cylinder
More results

유사한 설명 - 188243

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
ADVC-10-5-P-A FESTO-ADVC-10-5-P-A Datasheet
94Kb / 1P
Short-stroke cylinder
ADVC-10-10-P-A FESTO-ADVC-10-10-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-A-P-A FESTO-ADVC-12-5-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-12-5-P FESTO-ADVC-12-5-P Datasheet
89Kb / 1P
Short-stroke cylinder
ADVC-12-5-P-A FESTO-ADVC-12-5-P-A Datasheet
92Kb / 1P
Short-stroke cylinder
ADVC-12-10-A-P-A FESTO-ADVC-12-10-A-P-A Datasheet
93Kb / 1P
Short-stroke cylinder
ADVC-16-10-A-P-A FESTO-ADVC-16-10-A-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-16-15-I-P-A FESTO-ADVC-16-15-I-P-A Datasheet
90Kb / 1P
Short-stroke cylinder
ADVC-16-25-I-P-A FESTO-ADVC-16-25-I-P-A Datasheet
91Kb / 1P
Short-stroke cylinder
ADVC-100-10-I-P FESTO-ADVC-100-10-I-P Datasheet
86Kb / 1P
Short-stroke cylinder
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com