전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS472 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TS472
상세설명  Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS472 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TS472 Datasheet HTML 4Page - STMicroelectronics TS472 Datasheet HTML 5Page - STMicroelectronics TS472 Datasheet HTML 6Page - STMicroelectronics TS472 Datasheet HTML 7Page - STMicroelectronics TS472 Datasheet HTML 8Page - STMicroelectronics TS472 Datasheet HTML 9Page - STMicroelectronics TS472 Datasheet HTML 10Page - STMicroelectronics TS472 Datasheet HTML 11Page - STMicroelectronics TS472 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical Characteristics
TS472
8/20
Figure 8.
Bias PSRR vs. frequency
Figure 9.
Bias PSRR vs. frequency
Figure 10. Differential output PSRR vs.
frequency
Figure 11. Differential output PSRR vs.
frequency
Figure 12. Differential output PSRR vs.
frequency
Figure 13. Differential output PSRR vs.
frequency
100
1k
10k
-100
-80
-60
-40
-20
0
Vripple=200mVpp
Vcc=3V
Cb=1
µF
Tamb =25
°C
Frequency (Hz)
50
20k
Bias floating or 1k
Ω to GND
100
1k
10k
-100
-80
-60
-40
-20
0
Bias=1k
Ω to GND
Vripple=200mVpp
Vcc=5V
Cb=1
µF
Tamb=25
°C
Frequency (Hz)
50
20k
Bias floating
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=3V, Cb=Cin=1
µF, T
AMB
=25
°C
Gain=20dB
Maximum Gain
Minimum Gain
Frequency (Hz)
50
20k
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=5V, Cb=Cin=1
µF, T
AMB
=25
°C
Gain=20dB
Maximum Gain
Minimum Gain
Frequency (Hz)
50
20k
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=3V, Minimum Gain, Cin=1
µF, T
AMB
=25
°C
Cb=1
µF
No Cb
Cb=100nF
Frequency (Hz)
50
20k
100
1k
10k
-100
-80
-60
-40
-20
0
V
RIPPLE
=200mV
PP
, Inputs grounded
V
CC
=3V, Gain=20dB, Cin=1
µF, T
AMB
=25
°C
Cb=1
µF
No Cb
Cb=100nF
Frequency (Hz)
50
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com