전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3450-FZG 데이터시트(PDF) 39 Page - SMSC Corporation

부품명 USB3450-FZG
상세설명  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450-FZG 데이터시트(HTML) 39 Page - SMSC Corporation

Back Button USB3450-FZG Datasheet HTML 32Page - SMSC Corporation USB3450-FZG Datasheet HTML 33Page - SMSC Corporation USB3450-FZG Datasheet HTML 34Page - SMSC Corporation USB3450-FZG Datasheet HTML 35Page - SMSC Corporation USB3450-FZG Datasheet HTML 36Page - SMSC Corporation USB3450-FZG Datasheet HTML 37Page - SMSC Corporation USB3450-FZG Datasheet HTML 38Page - SMSC Corporation USB3450-FZG Datasheet HTML 39Page - SMSC Corporation USB3450-FZG Datasheet HTML 40Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
39
Revision 0.1 (05-11-05)
DATASHEET
7.14
Application Diagram
Figure 7.9 USB3450 Application Diagram (Top View)
USB
Connector
(Standard
or Mini)
UTMI+
Interface
to Link
5 Volt
Supply
VDD3.3
3.3 Volt
Supply
C
LOAD
25
C
LOAD
C
VBUS
Host Only
C
VBUS
Host
Device
OTG Device
Min
100uF
1uF
1uF
Max
10uF
6.5uF
ID
DM
DP
VBUS
10
21
22
24
25
26
27
28
29
30
23
1
2
3
4
5
6
7
8
9
USB3450
Hi-Speed USB
UTMI+ PHY
40 Pin QFN
GND FLAG
DATA[1]
DATA[0]
DATA[2]
DATA[3]
DATA[4]
DATA[5]
DATA[6]
DATA[7]
RXVALID
HOSTDISC
DM
DP
VDD3.3
RESET
TXVALID
SUSPENDN
TXREADY
TERMSEL
XCVRSEL0
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com