| 전자부품 데이터시트 검색엔진 |
|
M261 데이터시트(PDF) 49 Page - Nuvoton Technology Corporation |
|
|
|||||||||||||||||||||||||||||
M261 데이터시트(HTML) 49 Page - Nuvoton Technology Corporation |
|
49 / 398 page ![]() M261/M262/M263 Mar 25, 2020 Page 49 of 398 Rev 1.02 33 Pin 64 Pin 128 Pin Pin Name Type MFP Description SPI0_I2SMCLK I/O MFP4 SPI0 I 2S master clock output pin SC0_nCD I MFP6 Smart Card 0 card detect pin. UART0_nRTS O MFP7 UART0 request to Send output pin. UART5_RXD I MFP8 UART5 data receiver input pin. I2C0_SDA I/O MFP9 I 2C0 data input/output pin. BPWM0_CH4 I/O MFP12 BPWM0 channel 4 output/capture input. EPWM0_CH1 I/O MFP13 EPWM0 channel 1 output/capture input. QEI0_A I MFP14 Quadrature encoder 0 phase A input 11 27 57 PA.3 I/O MFP0 General purpose digital I/O pin. QSPI0_SS I/O MFP3 QSPI0 slave select pin. SPI0_SS I/O MFP4 SPI0 slave select pin. SC0_PWR O MFP6 Smart Card 0 power pin. UART4_TXD O MFP7 UART4 data transmitter output pin. UART1_TXD O MFP8 UART1 data transmitter output pin. I2C1_SCL I/O MFP9 I 2C1 clock pin. BPWM0_CH3 I/O MFP12 BPWM0 channel 3 output/capture input. EPWM0_CH2 I/O MFP13 EPWM0 channel 2 output/capture input. QEI0_B I MFP14 Quadrature encoder 0 phase B input 12 28 58 PA.2 I/O MFP0 General purpose digital I/O pin. QSPI0_CLK I/O MFP3 QSPI0 serial clock pin. SPI0_CLK I/O MFP4 SPI0 serial clock pin. SC0_RST O MFP6 Smart Card 0 reset pin. UART4_RXD I MFP7 UART4 data receiver input pin. UART1_RXD I MFP8 UART1 data receiver input pin. I2C1_SDA I/O MFP9 I 2C1 data input/output pin. BPWM0_CH2 I/O MFP12 BPWM0 channel 2 output/capture input. EPWM0_CH3 I/O MFP13 EPWM0 channel 3 output/capture input. 13 29 59 PA.1 I/O MFP0 General purpose digital I/O pin. QSPI0_MISO0 I/O MFP3 QSPI0 MISO0 (Master In, Slave Out) pin. SPI0_MISO I/O MFP4 SPI0 MISO (Master In, Slave Out) pin. SC0_DAT I/O MFP6 Smart Card 0 data pin. UART0_TXD O MFP7 UART0 data transmitter output pin. UART1_nCTS I MFP8 UART1 clear to Send input pin. I2C2_SCL I/O MFP9 I 2C2 clock pin. |