전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJD117 데이터시트(PDF) 2 Page - First Silicon Co., Ltd

부품명 MJD117
상세설명  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD117 데이터시트(HTML) 2 Page - First Silicon Co., Ltd

  MJD117 Datasheet HTML 1Page - First Silicon Co., Ltd MJD117 Datasheet HTML 2Page - First Silicon Co., Ltd MJD117 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min.
Max.
Min.
Max.
A
2.200
2.380
0.087
0.094
A1
0.000
0.100
0.000
0.004
B
0.800
1.400
0.031
0.055
b
0.710
0.810
0.028
0.032
c
0.460
0.560
0.018
0.022
c1
0.460
0.560
0.018
0.022
D
6.500
6.700
0.256
0.264
D1
5.130
5.460
0.202
0.215
E
6.000
6.200
0.236
0.244
e
e1
4.327
4.727
0.170
0.186
M
N
L
9.800
10.400
0.386
0.409
L1
L2
1.400
1.700
0.055
0.067
V
0.190 REF.
1.778REF.
0.762REF.
0.070REF.
0.018REF.
4.830 REF.
.
F
E
R
4
1
1
.
0
.
F
E
R
9
.
2
Symbol
Dimensions In Millimeters
Dimensions In Inches
.
P
Y
T
0
9
0
.
0
.
P
Y
T
6
8
2
.
2
MJD117
2018. 02. 19
2/3
Revision No : 0



Html Pages

1 2 3