| 전자부품 데이터시트 검색엔진 |
|
JS28F640J3A-150 데이터시트(PDF) 51 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F640J3A-150 데이터시트(HTML) 51 Page - Intel Corporation |
|
51 / 72 page ![]() 256-Mbit J3 (x8/x16) Datasheet 51 10 = pulse on Program Complete Used to generate a system interrupt pulse when any flash device in an array has completed a program operation. Provides highest performance for servicing continuous buffer write operations. 11 = pulse on Erase or Program Complete Used to generate system interrupts to trigger servicing of flash arrays when either erase or program operations are completed, when a common interrupt service routine is desired. NOTES: 1. When configured in one of the pulse modes, STS pulses low with a typical pulse width of 250 ns. 2. An invalid configuration code will result in both SR.4 and SR.5 being set. Table 22. STS Configuration Coding Definitions D7 D6 D5 D4 D3 D2 D1 D0 Reserved Pulse on Program Complete (1) Pulse on Erase Complete (1) D[1:0] = STS Configuration Codes Notes |