전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640J3A-120 데이터시트(PDF) 49 Page - Intel Corporation

부품명 JS28F640J3A-120
상세설명  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3A-120 데이터시트(HTML) 49 Page - Intel Corporation

Back Button JS28F640J3A-120 Datasheet HTML 45Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 46Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 47Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 48Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 49Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 50Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 51Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 52Page - Intel Corporation JS28F640J3A-120 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
49
13.4
Array Protection
The VPEN signal is a hardware mechanism to prohibit array alteration. When the VPEN voltage is
below the VPENLK voltage, array contents cannot be altered. To ensure a proper erase or program
operation, VPEN must be set to a valid voltage level. To determine the status of an erase or program
operation, poll the Status Register and analyze the bits.
6
Factory
10
00
010
00
7
Factory
10
00
010
01
8
User
1
0
0
0
010
10
9
User
1
0
0
0
010
11
A
User
1
0
0
0
011
00
B
User
1
0
0
0
011
01
C
User
1
0
0
0
011
10
D
User
1
0
0
0
011
11
E
User
1
0
0
0
100
00
F
User
1
0
0
0
100
01
NOTE: All address lines not specified in the above table must be 0 when accessing the Protection Register,
i.e.g., A[MAX:9] = 0.
Table 21. Byte-Wide Protection Register Addressing (Sheet 2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72