| 전자부품 데이터시트 검색엔진 |
|
P89LPC938FDH 데이터시트(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89LPC938FDH 데이터시트(HTML) 11 Page - NXP Semiconductors |
|
11 / 68 page ![]() 9397 750 14051 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 01 — 25 February 2005 11 of 68 Philips Semiconductors P89LPC938 8-bit microcontroller with 10-bit A/D converter 7. Functional description Remark: Please refer to the P89LPC938 User’s Manual for a more detailed functional description. 7.1 Special function registers Remark: SFR accesses are restricted in the following ways: • User must not attempt to access any SFR locations not defined. • Accesses to any defined SFR locations must be strictly for the functions for the SFRs. • SFR bits labeled ‘-’, ‘0’ or ‘1’ can only be written and read as follows: – ‘-’ Unless otherwise specified, must be written with ‘0’, but can return any value when read (even if it was written with ‘0’). It is a reserved bit and may be used in future derivatives. – ‘0’ must be written with ‘0’, and will return a ‘0’ when read. – ‘1’ must be written with ‘1’, and will return a ‘1’ when read. |