전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS34118CS 데이터시트(PDF) 12 Page - Taiwan Semiconductor Company, Ltd

부품명 TS34118CS
상세설명  Voice Switched Speakerphone Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34118CS 데이터시트(HTML) 12 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34118CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd TS34118CS Datasheet HTML 16Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TS34118
12-20
2004/09 rev. B
Microphone Amplifier
Figure 7. Microphone Amplifier and Mute
Hybrid Amplifiers
The two hybrid amplifiers (at HTO+, HTO-, and HTI), in conjunction with an external transformer, provide the two-to four
wire converter for interfacing to the telephone line. The gain of the first amplifier (HTI to HTO-) is set by external resistors
(gain=-RHF/PHI in Figure 2), and its output drives the second amplifier, the gain of which is internally set at –1.0. Unlike
most op-amps, the amplifiers have all-NPN output stage, which maximizes phase margin and gain-bandwidth. This
feature ensures stability at gains less than unity, as well as with a wide range of reactive loads. The open loop gain of the
first amplifier is typically 80dB , and the gain bandwidth of each amplifier is ≈1.0MHz (see Figure 16). The maximum p-p
output swing of each amplifier is typically 1.2 volts less than Vcc with an output impedance of <10Ωuntil current limiting is
reached (typically 8.0mA). The output current capability is guaranteed to be a minimum of 5.0mA. The bias current at HTI
is typically 30nA out of the pin.
The connections to the coupling transformer are shown in the Block Diagram (Figure 2). The block labeled Zbal is the
balancing network necessary to match the line impedance.
Filter
The operation of the filter circuit is determined by the external components. The circuit within the TS34118, from pins FI to
FO is a buffer with a high input impedance (>1.0M
Ω), and a low output impedance (<50Ω). The configuration of the
external components determines whether the circuit is a high-pass filter (as shown in Figure 2), a low-pass filter, or a
band-pass filter.
As a high pass filter, with the components shown in Figure 8, the filter will keep out 60Hz (and 120Hz) hum which can be
picked up by the external telephone lines.
Figure 8. High Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com