전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F15538 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 F15538
상세설명  ~20째 beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15538 데이터시트(HTML) 1 Page - Ledil, Inc.

  F15538 Datasheet HTML 1Page - Ledil, Inc. F15538 Datasheet HTML 2Page - Ledil, Inc. F15538 Datasheet HTML 3Page - Ledil, Inc. F15538 Datasheet HTML 4Page - Ledil, Inc. F15538 Datasheet HTML 5Page - Ledil, Inc. F15538 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F15538_JENNY-20
JENNY-20
~20° beam
TECHNICAL SPECIFICATIONS:
Dimensions
35.0 mm
Height
14.5 mm
Fastening
pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
10.4 kg
Quantity in Box
1140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
JENNY-20
Single lens
Silicone
clear
Last update: 11/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


유사한 부품 번호 - F15538

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
F15539 LEDIL-F15539 Datasheet
2Mb / 6P
~40째 beam
More results

유사한 설명 - F15538

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
C10386 LEDIL-C10386 Datasheet
2Mb / 5P
~20째 medium beam
C10436 LEDIL-C10436 Datasheet
1Mb / 4P
~20째 medium beam
C10373 LEDIL-C10373 Datasheet
2Mb / 4P
~20째 medium beam
C10633 LEDIL-C10633 Datasheet
2Mb / 4P
~20째 medium beam
F16885 LEDIL-F16885 Datasheet
2Mb / 4P
~20째 medium beam
C12286 LEDIL-C12286 Datasheet
2Mb / 6P
~20째 medium beam
C10921 LEDIL-C10921 Datasheet
1Mb / 6P
~20째 spot beam
CP13134 LEDIL-CP13134 Datasheet
1Mb / 4P
~20째 spot beam
CP17154 LEDIL-CP17154 Datasheet
2Mb / 4P
~20째 wide beam
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com