전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C11606 데이터시트(PDF) 6 Page - Ledil, Inc.

부품명 C11606
상세설명  ~15째 spot beam with 3 optics
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11606 데이터시트(HTML) 6 Page - Ledil, Inc.

  C11606 Datasheet HTML 1Page - Ledil, Inc. C11606 Datasheet HTML 2Page - Ledil, Inc. C11606 Datasheet HTML 3Page - Ledil, Inc. C11606 Datasheet HTML 4Page - Ledil, Inc. C11606 Datasheet HTML 5Page - Ledil, Inc. C11606 Datasheet HTML 6Page - Ledil, Inc. C11606 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT
DATASHEET
C11606_ANNA-50-3-S
PHOTOMETRIC DATA (SIMULATED):
LED
NVSxx19B/NVSxx19C
FWHM
18.0°
Efficiency
96 %
Peak intensity
7.1 cd/lm
LEDs/each optic
1
Light colour
White
Required components:
LED
Z5
FWHM
12.0°
Efficiency
%
LEDs/each optic
1
Light colour
White
Required components:
LED
Double Dome (GM2BB)
FWHM
12.0°
Efficiency
%
LEDs/each optic
1
Light colour
White
Required components:
Last update: 26/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
6/7



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com