전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HM12N02D 데이터시트(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

부품명 HM12N02D
상세설명  Plastic-Encapsulate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
홈페이지  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM12N02D 데이터시트(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM12N02D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM12N02D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM12N02D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM12N02D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a
T =25
unless otherwise specified
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Zero gate voltage drain current
IDSS
VDS =20V,VGS = 0V
1
uA
Gate-body leakage current
IGSS
VGS =±10V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =250µA
0.35
1
V
Drain-source on-resistance(note 3)
RDS(on)
VGS =4.5V, ID =9.7A
11
mΩ
VGS =2.5V, ID =9A
13
mΩ
VGS =1.8V, ID =8.1A
16
mΩ
VGS =1.5V, ID =4.5A
22
mΩ
VGS =1.2V, ID =2.4A
41
mΩ
Forward tranconductance(note 3)
gFS
VDS =4V, ID =9.7A
20
S
Diode forward voltage (note 3)
VSD
IS=10A, VGS = 0V
1.2
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
VDS =4V,VGS =0V,f =1MHz
1800
pF
Output Capacitance
Coss
650
pF
Reverse Transfer Capacitance
Crss
450
pF
Gate Resistance
Rg
f=1MHz
2.5
Ω
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
VGEN=4.5V,VDD=4V,
ID=10A,Rg=1Ω
RL=0.4Ω
12
20
ns
Turn-on rise time
tr
10
15
ns
Turn-off delay time
td(off)
65
100
ns
Turn-off fall time
tf
20
30
ns
Total Gate Charge
Qg
VDS=4V,VGS=5V
ID=10A
32
nC
Gate-Source Chage
Qgs
2.5
nC
Gage-Drain Charge
Qgd
6.5
nC
Notes :
1.Surface mounted on FR4 board using 1 square inch pad size,1oz copper.
2.Surface mounted on FR4 board using the minimum pad size,1oz copper.
3. Pulse test : Pulse width=300μs, duty cycle≤2%.
4. These parameters have no way to verify.



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com