전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD064VT4 데이터시트(PDF) 12 Page - AZ Displays

부품명 PD064VT4
상세설명  This product applies computer peripheral , industrial meter , image communication and multi-media.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VT4 데이터시트(HTML) 12 Page - AZ Displays

Back Button PD064VT4 Datasheet HTML 8Page - AZ Displays PD064VT4 Datasheet HTML 9Page - AZ Displays PD064VT4 Datasheet HTML 10Page - AZ Displays PD064VT4 Datasheet HTML 11Page - AZ Displays PD064VT4 Datasheet HTML 12Page - AZ Displays PD064VT4 Datasheet HTML 13Page - AZ Displays PD064VT4 Datasheet HTML 14Page - AZ Displays PD064VT4 Datasheet HTML 15Page - AZ Displays PD064VT4 Datasheet HTML 16Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PD064VT4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:12
7-6) Vertical Display Position
Mode
Hsync
Vsync
V-Start Position
V-Display
Remark
VGA-480
Positive / Negative
Positive / Negative
34
480 lines
VGA-400
Negative
Positive
17
400 lines
Note 7-8
VGA-350
Positive
Negative
30
350 lines
Note 7-9
Note 7-8 : As the format is VGA-400 (Hsync = Negative , Vsync = Positive) , LCD module will adjust
the display area to the center of display . At this time , both of the upper and lower display
areas have 40 blanking lines (the display color is black) . The actual display area is center
400 lines .
Note 7-9 : As the format is VGA-350 (Hsync = Positive, Vsync = Negative) , LCD module will adjust
the display area to the center of display . At this time , both of the upper and lower display
areas have 65 blanking lines (the display color is black) . The actual display area is center
350 lines .
40 B lankin g Lines
400 D ispla y Lines
40 B lankin g Lines
65 Blanking Lines
350 Display Lines
65Blanking Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23