전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C15958 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C15958
상세설명  Beam for canopy lighting with batwing light distribution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15958 데이터시트(HTML) 1 Page - Ledil, Inc.

  C15958 Datasheet HTML 1Page - Ledil, Inc. C15958 Datasheet HTML 2Page - Ledil, Inc. C15958 Datasheet HTML 3Page - Ledil, Inc. C15958 Datasheet HTML 4Page - Ledil, Inc. C15958 Datasheet HTML 5Page - Ledil, Inc. C15958 Datasheet HTML 6Page - Ledil, Inc. C15958 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C15958_STRADA-SQ-CY-NP
STRADA-SQ-CY-NP
Beam for canopy lighting with batwing light
distribution. Suitable for symmetrical tunnel
lighting.
TECHNICAL SPECIFICATIONS:
Dimensions
25.0 mm
Height
10.1 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-SQ-CY-NP
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C15958_STRADA-SQ-CY-NP
» Box size: 480 x 280 x 300 mm
2058
294
98
0.0
Last update: 14/06/2019
Subject to change without prior notice
Published: 11/06/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


유사한 부품 번호 - C15958

제조업체부품명데이터시트상세설명
logo
Time Electronics Ltd.
C159 TIME-ELECTRONICS-C159 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
C159 TIME-ELECTRONICS-C159 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
logo
Coilcraft lnc.
C1590-AL COILCRAFT-C1590-AL Datasheet
190Kb / 1P
Flyback Transformers
C1591-AL COILCRAFT-C1591-AL Datasheet
190Kb / 1P
Flyback Transformers
logo
Ledil, Inc.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results

유사한 설명 - C15958

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C15437 LEDIL-C15437 Datasheet
2Mb / 5P
Beam for canopy lighting with batwing light distribution.
C15920 LEDIL-C15920 Datasheet
3Mb / 5P
Beam for canopy lighting with batwing light distribution.
C16097 LEDIL-C16097 Datasheet
1Mb / 3P
Beam for canopy lighting with batwing light distribution.
F15382 LEDIL-F15382 Datasheet
5Mb / 7P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
C13866 LEDIL-C13866 Datasheet
2Mb / 7P
Beam for canopy lighting with batwing light distribution
CA14219 LEDIL-CA14219 Datasheet
2Mb / 8P
Beam for canopy lighting with batwing light distribution
F14325 LEDIL-F14325 Datasheet
7Mb / 10P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F15386 LEDIL-F15386 Datasheet
3Mb / 6P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting.
CA15959 LEDIL-CA15959 Datasheet
1Mb / 7P
Beam for canopy lighting with batwing light distribution.
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com