전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP13134 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CP13134
상세설명  ~20째 spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13134 데이터시트(HTML) 1 Page - Ledil, Inc.

  CP13134 Datasheet HTML 1Page - Ledil, Inc. CP13134 Datasheet HTML 2Page - Ledil, Inc. CP13134 Datasheet HTML 3Page - Ledil, Inc. CP13134 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP13134_LARISA-RS-CLIP16
LARISA-RS-CLIP16
~20° spot beam. Clip fastening for 1.6 mm thick
PCB.
TECHNICAL SPECIFICATIONS:
Dimensions
9.9 mm
Height
7.3 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LARISA-RS
Single lens
PMMA
clear
LARISA-HLD-B-CLIP16
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP13134_LARISA-RS-CLIP16
» Box size:
Single lens
2000
300
100
1.4
Last update: 28/12/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


유사한 부품 번호 - CP13134

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CP13135 LEDIL-CP13135 Datasheet
1Mb / 4P
~30째 medium beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13136 LEDIL-CP13136 Datasheet
1Mb / 4P
~40째 x 20째 oval beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13137 LEDIL-CP13137 Datasheet
1Mb / 4P
~50째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
CP13138 LEDIL-CP13138 Datasheet
1Mb / 4P
~55째 wide beam optimized for NICHIA 757. Clip fastening for 1.6 mm thick PCB.
More results

유사한 설명 - CP13134

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C10588 LEDIL-C10588 Datasheet
2Mb / 4P
~20째 spot beam
F13325 LEDIL-F13325 Datasheet
15Mb / 33P
~20째 spot beam
FN14637 LEDIL-FN14637_18 Datasheet
15Mb / 15P
~20째 spot beam
C10971 LEDIL-C10971 Datasheet
1Mb / 5P
~20째 spot beam
CP10444 LEDIL-CP10444 Datasheet
943Kb / 4P
~20째 smooth spot beam optimized for Golden Dragon
F16884 LEDIL-F16884 Datasheet
2Mb / 4P
~20째 spot beam.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
C10921 LEDIL-C10921 Datasheet
1Mb / 6P
~20째 spot beam
CS17088 LEDIL-CS17088 Datasheet
3Mb / 7P
~20째 spot beam. Variant made from PC.
C17411 LEDIL-C17411 Datasheet
2Mb / 6P
Slightly asymmetric ~20째 spot beam with Slightly asymmetric ~20째 spot beam with
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com